Part Number Hot Search : 
50500 00144 L01502 CEP02N6 2SK1316L D2547P17 MR3025 C1514
Product Description
Full Text Search
 

To Download MMDT3906VC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODEL: MMDT3906VC
MMDT3906VC
Lead-free Green
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
NEW PRODUCT
Features
* * * * *
Epitaxial Planar Die Construction Ideal for Low Power Amplification and Switching Ultra-Small Surface Mount Package Lead Free By Design/RoHS Compliant (Note 1) "Green" Device (Note 4)
E1 B1 C2 C1
A
B2 E2
SOT-563
BC
Dim A B C D G H K
L
Min 0.15 1.10 1.55 0.90 1.50 0.56 0.10 0.10
Max 0.30 1.25 1.70 0.50 1.10 1.70 0.60 0.30 0.18
Typ 0.25 1.20 1.60 1.00 1.60 0.60 0.20
Mechanical Data
* * * * * * * *
Case: SOT-563 Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: See Diagram Terminals: Finish - Matte Tin annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 Marking & Type Code Information: See Last Page Ordering Information: See Last Page Weight: 0.003 grams (approximate)
C1
D G
K H
M
L M
SEE NOTE 2
B2 E2
All Dimensions in mm
E1
B1
C2
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current - Continuous Power Dissipation (Note 3)
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC Pd RJA Tj, TSTG Value -40 -40 -5.0 -200 150 833 -55 to +150 Unit V V V mA mW C/W C
Characteristic
Thermal Resistance, Junction to Ambient Operating and Storage and Temperature Range
Thermal Characteristics
Characteristic Power Dissipation (Note 3)
@ TA = 25C unless otherwise specified Symbol Pd RJA Value 150 833 Unit mW C/W
Thermal Resistance, Junction to Ambient
Notes:
1. No purposefully added lead. 2. Package is non-polarized. Parts may be on reel in orientation illustrated, 180 rotated, or mixed (both ways). 3. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 4. Diodes Inc's "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php
DS30640 Rev. 3 - 2
1 of 4 www.diodes.com
MMDT3906VC
(c) Diodes Incorporated
NEW PRODUCT
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 5) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Base Cutoff Current ON CHARACTERISTICS (Note 5)
@ TA = 25C unless otherwise specified Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICEX IBL Min -40 -40 -5.0 60 80 100 60 30 -0.65 2.0 0.1 100 3.0 250 Max -50 -50 300 -0.25 -0.40 -0.85 -0.95 4.5 10 12 10 400 60 4.0 Unit V V V nA nA Test Condition IC = -10A, IE = 0 IC = -1.0mA, IB = 0 IE = -10A, IC = 0 VCE = -30V, VEB(OFF) = -3.0V VCE = -30V, VEB(OFF) = -3.0V IC = -100A, VCE = IC = -1.0mA, VCE = IC = -10mA, VCE = IC = -50mA, VCE = IC = -100mA, VCE = -1.0V -1.0V -1.0V -1.0V -1.0V
DC Current Gain
hFE
Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage SMALL SIGNAL CHARACTERISTICS Output Capacitance Input Capacitance Input Impedance Voltage Feedback Ratio Small Signal Current Gain Output Admittance Current Gain-Bandwidth Product Noise Figure SWITCHING CHARACTERISTICS Delay Time Rise Time Storage Time Fall Time
Notes: 5. Short duration test pulse used to minimize self-heating.
VCE(SAT) VBE(SAT)
V V
IC = -10mA, IB = -1.0mA IC = -50mA, IB = -5.0mA IC = -10mA, IB = -1.0mA IC = -50mA, IB = -5.0mA VCB = -5.0V, f = 1.0MHz, IE = 0 VEB = -0.5V, f = 1.0MHz, IC = 0
Cobo Cibo hie hre hfe hoe fT NF
pF pF k x 10-4 S MHz dB
VCE = 10V, IC = 1.0mA, f = 1.0kHz
VCE = -20V, IC = -10mA, f = 100MHz VCE = -5.0V, IC = -100A, RS = 1.0k, f = 1.0kHz
td tr ts tf

35 35 225 75
ns ns ns ns
VCC = -3.0V, IC = -10mA, VBE(off) = 0.5V, IB1 = -1.0mA VCC = -3.0V, IC = -10mA, IB1 = IB2 = -1.0mA
DS30640 Rev. 3 - 2
2 of 4 www.diodes.com
MMDT3906VC
250
100
f = 1MHz
NEW PRODUCT
Pd, POWER DISSIPATION (mW)
200
150
CIBO, INPUT CAPACITANCE (pF) COBO, OUTPUT CAPACITANCE (pF)
10
100
Cibo
50
Cobo
0 -50 0 50 100 150
1 0.1
1
10
100
TA, AMBIENT TEMPERATURE (C) Fig. 1, Derating Curve - Total
VCB, COLLECTOR-BASE VOLTAGE (V) Fig. 2, Input and Output Capacitance vs. Collector-Base Voltage
1000
VCE(SAT), COLLECTOR-EMITTER (V) SATURATION VOLTAGE
10
IC IB = 10
hFE, DC CURRENT GAIN
TA = 125C
1
100
TA = -25C TA = +25C
10
0.1
VCE = 1.0V
1 0.1 1 10 100 1000 IC, COLLECTOR CURRENT (mA) Fig. 3, Typical DC Current Gain vs Collector Current
0.01 1 10 100 1000 IC, COLLECTOR CURRENT (mA) Fig. 4, Typical Collector-Emitter Saturation Voltage vs. Collector Current
1.0 VBE(SAT), BASE-EMITTER (V) SATURATION VOLTAGE
0.9
0.8
0.7
0.6
IC IB = 10
0.5 1 10 IC, COLLECTOR CURRENT (mA) Fig. 5, Typical Base-Emitter Saturation Voltage vs. Collector Current 100
DS30640 Rev. 3 - 2
3 of 4 www.diodes.com
MMDT3906VC
NEW PRODUCT
Ordering Information
Device MMDT3906VC-7
Notes:
(Note 6) Packaging SOT-563 Shipping 3000/Tape & Reel
6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
ARK = Product Type Marking Code YM = Date Code Marking Y = Year ex: R = 2004 M = Month ex: 9 = September
ARK YM
Date Code Key Year Code Month Code Jan 1 Feb 2 March 3 Apr 4
2004 R May 5 Jun 6 Jul 7
2005 S Aug 8
2006 T Sep 9
2007 U Oct O
2008 V Nov N
2009 W Dec D
DS30640 Rev. 3 - 2
4 of 4 www.diodes.com
MMDT3906VC


▲Up To Search▲   

 
Price & Availability of MMDT3906VC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X